Part Number Hot Search : 
50500 00144 L01502 CEP02N6 2SK1316L D2547P17 MR3025 C1514
Product Description
Full Text Search
 

To Download RW2-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 Wide Range Voltage Input 1kVDC, 2kVDC and 3kVDC Isolation UL94V-0 Package Material Continuous Short Circuit Protection Low Ripple and Noise DIP16 and SMD Versions Available Efficiency to 83%
ECONOLINE
DC/DC-Converter
RW2 Series
Capacitive Load max. F 1000 1000 470 220 100 1000 1000 470 220 100 1000 1000 470 220 100 1000 1000 470 220 100 470 470 220 100 47 470 470 100 47 470 470 220 100 47 470 470 220 100 47 220
Selection Guide
Part Number DIP16 RW2-053.3S (H2/H3) RW2-0505S (H2/H3) RW2-0509S (H2/H3) RW2-0512S (H2/H3) RW2-0515S (H2/H3) RW2-123.3S (H2/H3) RW2-1205S (H2/H3) RW2-1209S (H2/H3) RW2-1212S (H2/H3) RW2-1215S (H2/H3) RW2-243.3S (H2/H3) RW2-2405S (H2/H3) RW2-2409S (H2/H3) RW2-2412S (H2/H3) RW2-2415S (H2/H3) RW2-483.3S (H2/H3) RW2-4805S (H2/H3) RW2-4809S (H2/H3) RW2-4812S (H2/H3) RW2-4815S (H2/H3) RW2-053.3D (H2/H3) RW2-0505D (H2/H3) RW2-0509D (H2/H3) RW2-0512D (H2/H3) RW2-0515D (H2/H3) RW2-123.3D (H2/H3) RW2-1205D (H2/H3) RW2-1209D (H2/H3) RW2-1212D (H2/H3) RW2-1215D (H2/H3) RW2-243.3D (H2/H3) RW2-2405D (H2/H3) RW2-2409D (H2/H3) RW2-2412D (H2/H3) RW2-2415D (H2/H3) RW2-483.3D (H2/H3) RW2-4805D (H2/H3) RW2-4809D (H2/H3) RW2-4812D (H2/H3) Input Voltage Range (VDC) 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 Rated Output Voltage (VDC) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 Output Current Full Load (mA) 500 400 222 166 134 500 400 222 166 134 500 400 222 166 134 500 400 222 166 134 250 200 111 83 67 250 200 111 83 67 250 200 111 83 67 250 200 111 83 Efficiency typ./nom Vin (%) 68 73 74 75 75 69 75 78 80 80 70 78 81 83 83
www..com
2 Watt DIP16 & SMD Single & Dual Output
73 76 79 81 81
68 73 74 75 75 69 75 78 80 80 70 78 81 83 83 73 78 81 83
Output Power (%)
100 80 60 40 20 0
Derating-Graph
(Ambient Temperature)
Safe Operating Area
RW2-4815D (H2/H3) 36 - 72 15 67 83 Standard Isolation is 1kVDC. Add suffix /H2 for 2kVDC Isolation, /H3 for 3kVDC Isolation. Add suffix "/SMD" for SMD Package e.g. RW2-0505S/H3/SMD www.recom-international.com 02-April-2007
-40
0
50
85 100
150
Operating Temperature C
1
ECONOLINE
DC/DC-Converter
Description
RW2 Series
2:1 2% typ. 0.5% max. (20% to 100% full load) 0.5% typ. 50mVp-p max. 100kHz min. (tested for 1 second) H2 H3 (long term isolation) 70% min. / 80% typ. 1000VDC min. 2000VDC min. 3000VDC min. see Application Notes 30pF max. 1G min. Continuous -40C to +85C -55C to +125C 95% RH 6.4g 4366 x10 hours 658 x10 hours
High power-density, 2:1 input voltage range and a wide temperature range of -40C to +85C are just some of the characteristics of this versatile surface mount converter, ideal for highly sophisticated industrial designs where space is at a premium.
Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range Output Accuracy Line Voltage Regulation Load Voltage Regulation Output Ripple and Noise (20MHz limited) Switching Frequency (at full Load) Efficiency at Full Load Isolation Voltage
Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) . (+85C)
}
Detailed Information see Application Notes chapter "MTBF"
using MIL-HDBK 217F using MIL-HDBK 217F
Package Style and Pinning (mm)
16 Pin DIP Package
9.70 15.24 2.54 0.50
1 78
24.2 4.60
14.50
3rd angle projection
15.80 1.00 dia.
2.54
Pin Connections
2.54
14.50
Bottom View
Pin #
1 7 Top View 8 9 10 16
Single
-Vin NC NC +Vout -Vout +Vin
Dual
-Vin NC Com +Vout -Vout +Vin
16
10 9
7 x 2.54
Recommended Footprint Details 16 Pin SMD Package
10.20 24.2 9.70 2.54 Pin area 0.1 x 0.50
1
14.50
NC = No Connection XX.X 0.5 mm XX.XX 0.35 mm 18.55
0.50
78
2.54
1.54 2.03
16.0
Bottom View
16 10 9
19.27 17.24
1
Top View
7 x 2.54
17.78
2
02-April-2007
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RW2-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X